Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP3783 Fiches technique(PDF) 13 Page - Diodes Incorporated

No de pièce AP3783
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783 Fiches technique(HTML) 13 Page - Diodes Incorporated

Back Button AP3783 Datasheet HTML 9Page - Diodes Incorporated AP3783 Datasheet HTML 10Page - Diodes Incorporated AP3783 Datasheet HTML 11Page - Diodes Incorporated AP3783 Datasheet HTML 12Page - Diodes Incorporated AP3783 Datasheet HTML 13Page - Diodes Incorporated AP3783 Datasheet HTML 14Page - Diodes Incorporated AP3783 Datasheet HTML 15Page - Diodes Incorporated AP3783 Datasheet HTML 16Page - Diodes Incorporated AP3783 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AP3783
Document number: DS37429 Rev. 6 - 2
13 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP3783
Operation Principle Description (Cont.)
VTH_ST
VOPR(MIN)
VFB(SCP)
tSCP
VCC
VFB
VOUT
0V
Figure 7. Short Circuit Protection (SCP) and Hiccup Mode
OVP
The AP3783 includes output over-voltage protection (OVP). If the voltage at FB pin exceeds VFB(OVP), the AP3783 immediately shuts down and
keeps the internal circuitry enabled to discharge the VCC capacitor to the UVLO turn-off threshold. After that, the device returns to the start
state and a start-up sequence ensues.
OTP
If the junction temperature reaches the threshold of +160
⁰C, AP3783 shuts down immediately. Before VCC voltage decreases to UVLO, if the
junction temperature decreases to +120
⁰C, AP3783 can recover to normal operation. If not, the power system enters restart Hiccup mode until
the junction temperature decreases below +120
⁰C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17