| Moteur de recherche de fiches techniques de composants électroniques |
|
2M803 Fiches technique(PDF) 22 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
2M803 Fiches technique(HTML) 22 Page - List of Unclassifed Manufacturers |
|
22 / 31 page ![]() 331 2M805 DIMENSIONS SQUARE FLANGED RECEPTACLE 2M805-003-02 2M805-004-02 All dimensions in inches (millimeters in blue) SHELL SIZE A SQ. B BSC. C DIA. D DIA. E THREADS F DIA. G THREADS ACCESSORY IN. MM. IN. MM. IN. MM. IN. ±.003 MM. ±.08 IN. MM. 8 0.850 21.59 0.660 16.76 1.150 29.21 0.094 2.39 .5000.1P-.3L-TS-2A 0.316 8.05 .3750-32 UNEF-2A 9 0.913 23.19 0.723 18.36 1.230 31.24 0.094 2.39 .5625.1P-.3L-TS-2A 0.397 10.08 .4375-28 UNEF-2A 10 0.975 24.77 0.785 19.94 1.330 33.78 0.094 2.39 .6250.1P-.3L-TS-2A 0.472 12.01 .5000-28 UNEF-2A 11 1.039 26.39 0.848 21.54 1.410 35.81 0.094 2.39 .6875.1P-.3L-TS-2A 0.519 13.18 .5625-24 UNEF-2A 12 1.099 27.91 0.909 23.09 1.500 38.10 0.094 2.39 .7500.1P-.3L-TS-2A 0.585 14.86 .6250-24 UNEF-2A 15 1.288 32.74 1.058 26.87 1.750 44.45 0.128 3.25 .9375.1P-.3L-TS-2A 0.687 17.45 .7500-20 UNEF-2A 18 1.475 37.47 1.255 31.88 2.000 50.80 0.128 3.25 1.1250.1P-.3L-TS-2A 0.884 22.45 .9375-20 UNEF-2A 19 1.537 71.06 1.327 33.71 2.094 53.19 0.128 3.25 1.1875.1P-.3L-TS-2A 0.884 22.45 .9375-20 UNEF-2A 23 1.787 45.39 1.570 39.88 2.440 61.98 0.128 3.25 1.4375.1P-.3L-TS-2A 1.134 28.80 1.1875-18 UNEF-2A JAM NUT RECEPTACLE 2M805-003-07 2M805-004-07 SHELL SIZE A DIA. B FLAT C FLAT D THREADS E DIA. F THREADS G ACCESSORY THREADS IN. MM. IN. MM. IN. MM. IN. MM. 8 0.760 19.30 0.535 13.59 0.730 18.54 .5000.1P-.3L-TS-2A 0.317 8.05 .5625-28 UNEF-2A .3750-32 UNEF-2A 9 0.880 22.35 0.661 16.79 0.850 21.59 .5625.1P-.3L-TS-2A 0.397 10.08 .6875-28 UN-2A .4375-28 UNEF-2A 10 0.880 22.35 0.661 16.79 0.850 21.59 .6250.1P-.3L-TS-2A 0.473 12.01 .6875-28 UN-2A .5000-28 UNEF-2A 11 0.955 24.26 0.721 18.31 0.925 23.50 .6875.1P-.3L-TS-2A 0.519 13.18 .7500-28 UN-2A .5625-24 UNEF-2A 12 1.060 26.92 0.784 19.91 1.035 26.29 .7500.1P-.3L-TS-2A 0.585 14.86 .8125-28 UN-2A .6250-24 UNEF-2A 15 1.203 30.56 0.970 24.64 1.173 29.79 .9375.1P-.3L-TS-2A 0.687 17.45 1.0000-28 UN-2A .7500-20 UNEF-2A 18 1.389 35.28 1.147 29.13 1.359 34.52 1.1250.1P-.3L-TS-2A 0.884 22.45 1.1875-28 UN-2A .9375-20 UNEF-2A 19 1.450 36.83 1.221 31.01 1.420 36.07 1.1875.1P-.3L-TS-2A 0.884 22.45 1.2500-28 UN-2A .9375-20 UNEF-2A 23 1.705 43.31 1.470 37.34 1.675 42.55 1.4375.1P-.3L-TS-2A 1.134 28.80 1.5000-28 UN-2A 1.1875-18 UNEF-2A JAM NUT PANEL CUTOUT SHELL SIZE A FLAT B DIA IN. ±.002 MM. ± 0.05 IN. ±.005 MM. ± 0.13 8 0.543 13.79 0.572 14.53 9 0.669 16.99 0.698 17.73 10 0.669 16.99 0.698 17.73 11 0.729 18.51 0.760 19.30 12 0.792 20.17 0.822 20.88 15 0.978 24.84 1.010 25.65 18 1.155 29.34 1.198 30.43 19 1.231 31.27 1.260 32.00 23 1.480 37.59 1.510 38.35 MASTER KEYWAY A SQ B BSC C DIA. 4X D DIA. 1.030 26.16 MAX .430 10.92 MAX .060 1.52 F DIA. E THREAD RED BAND INDICATES FULL MATE E THREAD G THREAD .150 3.81* MAX .060 1.52 .150 3.81* MAX 1.030 26.16 MAX .430 10.92 MAX RED BAND INDICATES FULL MATE B FLAT C FLAT TYP MASTER KEYWAY A DIA. D THREAD F THREAD .060 (1.52) 1.188 (30.18) MAX .100 (2.54) MAX PANEL THICKNESS E DIA. G THREAD .430 (10.92) MAX RED BAND INDICATES FULL MATE D THREAD F THREAD .100 (2.54) MAX PANEL THICKNESS .060 (1.52) 1.188 (30.18) MAX .430 (10.92) MAX B DIA. A FLAT |