Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V23839-R35-L55 Fiches technique(PDF) 21 Page - Infineon Technologies AG

No de pièce V23839-R35-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R35-L55 Fiches technique(HTML) 21 Page - Infineon Technologies AG

Back Button V23839-R35-L55 Datasheet HTML 17Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 18Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 19Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 20Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 21Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 22Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 23Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 24Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
V23839-R3x-L55
Application Notes
Preliminary Product Information
21
2004-06-25
The return path of RF current must also be considered. Thus a split ground plane
between Tx and Rx paths may result in severe EMI problems irrespective of which
module ground concept has been applied.
The bezel opening for a transceiver should be sized so that all contact springs of the
transceiver make good electrical contact with the face plate. Please consider that the
PCB may behave like a dielectric waveguide. With a dielectric constant of 4, the
wavelength of the harmonics inside the PCB will be half of that in free space. Thus even
the smallest PCBs may have unexpected resonances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34