Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMG4903 Fiches technique(PDF) 49 Page - ams AG

No de pièce TMG4903
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TMG4903 Fiches technique(HTML) 49 Page - ams AG

Back Button TMG4903 Datasheet HTML 45Page - ams AG TMG4903 Datasheet HTML 46Page - ams AG TMG4903 Datasheet HTML 47Page - ams AG TMG4903 Datasheet HTML 48Page - ams AG TMG4903 Datasheet HTML 49Page - ams AG TMG4903 Datasheet HTML 50Page - ams AG TMG4903 Datasheet HTML 51Page - ams AG TMG4903 Datasheet HTML 52Page - ams AG TMG4903 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
ams Datasheet
Page 49
[v1-02] 2015-May-14
Document Feedback
TMG4903 − Register Description
Configuration Register Four (CFG4 0xAC)
Figure 57:
Configuration Register Four
76
5
4
3
2
1
0
ALS_INT_
DIRECT
ALS_INT_
DIRECT_GPIO
PROX_INT_
DIRECT
PROX_INT_
DIRECT_GPIO
Reserved
Field
Bits
Description
ALS_INT_DIRECT
7
ALS Interrupt Direct. If asserted, then the INT pin shows the ALS state
directly and it is not necessary to clear the interrupt. If the CLEAR data
exits the threshold range from within, the INT pin is asserted. The
interrupt pin is de-asserted when the CLEAR data re-enters the
threshold range. As long as the CLEAR data is within the thresholds,
the INT pin is not asserted.
ALS_INT_DIRECT_GPIO
6
ALS Interrupt Direct on GPIO Pin. If asserted, the GPIO pin shows
the ALS interrupt state directly instead of the INT pin. This function
operates in the same manner otherwise as ALS_INT_DIRECT.
PROX_INT_DIRECT
5
Proximity Interrupt Direct. If asserted, then the INT pin shows the
proximity state directly and it is not necessary to clear the interrupt. If
PDATA crosses the upper threshold from below, the INT pin is
asserted. The interrupt pin is only de-asserted when PDATA crosses
the lower threshold from above. As long as PDATA is below the lower
threshold, the INT pin is not asserted.
PROX_INT_DIRECT_GPIO
4
Proximity Interrupt Direct on GPIO Pin. If asserted, the GPIO pin
shows the proximity interrupt state directly instead of the INT pin. This
function operates in the same manner otherwise as
PROX_INT_DIRECT.
Reserved
3:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More