Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TAS5731MPHPR Fiches technique(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
No de pièce TAS5731MPHPR
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHPR Fiches technique(HTML) 48 Page - Texas Instruments

Back Button TAS5731MPHPR Datasheet HTML 44Page - Texas Instruments TAS5731MPHPR Datasheet HTML 45Page - Texas Instruments TAS5731MPHPR Datasheet HTML 46Page - Texas Instruments TAS5731MPHPR Datasheet HTML 47Page - Texas Instruments TAS5731MPHPR Datasheet HTML 48Page - Texas Instruments TAS5731MPHPR Datasheet HTML 49Page - Texas Instruments TAS5731MPHPR Datasheet HTML 50Page - Texas Instruments TAS5731MPHPR Datasheet HTML 51Page - Texas Instruments TAS5731MPHPR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
9.6.5 Serial Data Interface Register (0x04)
As shown in Table 8, the TAS5731M supports 9 serial data modes. The default is 24-bit, I2S mode,
Table 8. Serial Data Interface Control Register (0x04)
RECEIVE SERIAL DATA
WORD
D7–D4
D3
D2
D1
D0
INTERFACE FORMAT
LENGTH
Right-justified
16
0000
0
0
0
0
Right-justified
20
0000
0
0
0
1
Right-justified
24
0000
0
0
1
0
I2S
16
000
0
0
1
1
I2S
20
0000
0
1
0
0
I2S (1)
24
0000
0
1
0
1
Left-justified
16
0000
0
1
1
0
Left-justified
20
0000
0
1
1
1
Left-justified
24
0000
1
0
0
0
Reserved
0000
1
0
0
1
Reserved
0000
1
0
1
0
Reserved
0000
1
0
1
1
Reserved
0000
1
1
0
0
Reserved
0000
1
1
0
1
Reserved
0000
1
1
1
0
Reserved
0000
1
1
1
1
(1)
Default values are in bold.
9.6.6 System Control Register 2 (0x05)
When bit D6 is set low, the system exits all channel shutdown and starts playing audio; otherwise, the outputs
are shut down (hard mute).
Table 9. System Control Register 2 (0x05)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
Mid-Z ramp disabled(1)
1
Mid-Z ramp enabled
0
Exit all-channel shutdown (normal operation)
1
Enter all-channel shutdown (hard mute) (1)
0
Sub-channel in AD Mode
1
Sub-channel in BD Mode
0
2.0 mode [2.0 BTL](1)
1
2.1 mode [2 SE + 1 BTL]
0
ADR/FAULT pin is configured as to serve as an address input only (1)
1
ADR/FAULT pin is configured as fault output
0
0
-
0
Reserved(1)
(1)
Default values are in bold.
48
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81