Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD27721 Fiches technique(PDF) 49 Page - ams AG

No de pièce TMD27721
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Fiches technique(HTML) 49 Page - ams AG

Back Button TMD27721 Datasheet HTML 45Page - ams AG TMD27721 Datasheet HTML 46Page - ams AG TMD27721 Datasheet HTML 47Page - ams AG TMD27721 Datasheet HTML 48Page - ams AG TMD27721 Datasheet HTML 49Page - ams AG TMD27721 Datasheet HTML 50Page - ams AG TMD27721 Datasheet HTML 51Page - ams AG TMD27721 Datasheet HTML 52Page - ams AG TMD27721 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
ams Datasheet, Confidential
Page 49
[v1-20] 2014-Jul-21
Document Feedback
TMD2772/ TMD2772WA − Carrier Tape & Reel Information
Figure 55:
TMD2772 Module Carrier Tape
Note(s) and/or Footnote(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
4. Each reel is 330 millimeters in diameter and contains 2500 parts.
5. ams packaging tape and reel conform to the requirements of EIA Standard 481−B.
6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
Carrier Tape & Reel Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59