Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3955-ASWF-I2 Fiches technique(PDF) 29 Page - ams AG

No de pièce AS3955-ASWF-I2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-I2 Fiches technique(HTML) 29 Page - ams AG

Back Button AS3955-ASWF-I2 Datasheet HTML 25Page - ams AG AS3955-ASWF-I2 Datasheet HTML 26Page - ams AG AS3955-ASWF-I2 Datasheet HTML 27Page - ams AG AS3955-ASWF-I2 Datasheet HTML 28Page - ams AG AS3955-ASWF-I2 Datasheet HTML 29Page - ams AG AS3955-ASWF-I2 Datasheet HTML 30Page - ams AG AS3955-ASWF-I2 Datasheet HTML 31Page - ams AG AS3955-ASWF-I2 Datasheet HTML 32Page - ams AG AS3955-ASWF-I2 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 111 page
background image
ams Datasheet
Page 29
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
UID Bytes
The UID block contains four LSB bytes of the 7-byte UID which
is used during anti-collision and selection process. Every IC is
programmed by a unique number during fabrication process at
ams. See UID Coding about details on UID.
This block stores some IC manufacturer data which is
programmed and locked during fabrication process at ams.
UID is treated as IC internal configuration, and is permanently
locked during IC production.
Fabrication Data
Fabrication data are used to set internal configuration and
trimming values. They are treated as IC internal configuration.
Fabrication Data FAB_CFG0
Figure 29:
Fabrication Data FAB_CFG0
Note(s) and/or Footnote(s):
1. This byte can be set only during production.
Conf. Bit
Name
Default
Function
Note
b7
0
Internal configuration
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More