| Moteur de recherche de fiches techniques de composants électroniques |
|
PS081 Fiches technique(PDF) 28 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
PS081 Fiches technique(HTML) 28 Page - ams AG |
|
28 / 155 page ![]() acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de 3-5 PSØ81 The advantage of the PICOSTRAIN full bridge compared with the Wheatstone bridge is a higher reso- lution of approximately 0.6 bits (factor 1.5 higher). 3.3.3 Full Bridge Parallel (zero drift optimized) This mode is not recommended any longer (canceled in December 2009). Please see bug report (Section 7.1) for further details. 3.3.4 Full Bridge connected as Half Bridge (Current Saving Connection) Figure 3.6 Current saving full bridge wiring Note: This wiring is suited if all strain gages are on the same site (top OR bottom) of the load cell. Then 2 strain gage resistors can be connected in series to get a 2 kOhm half bridge. This way, the current into the sensor is reduced by factor 2 and therefore this wiring is especially suited for minimum cur- rent e.g. solar driven applications. The bridge setting is 1 (register 3, bridge[1:0] = 1). The multiplication factors should have positive sign, e.g. Mult_Hb1 = +1, Mult_Hb2 = +1. Member of the ams Group |