Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLS-440PB Fiches technique(PDF) 21 Page - ams AG

No de pièce HLS-440PB
Description  Automotive Hydrogen Leak Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

HLS-440PB Fiches technique(HTML) 21 Page - ams AG

Back Button HLS-440PB Datasheet HTML 15Page - ams AG HLS-440PB Datasheet HTML 16Page - ams AG HLS-440PB Datasheet HTML 17Page - ams AG HLS-440PB Datasheet HTML 18Page - ams AG HLS-440PB Datasheet HTML 19Page - ams AG HLS-440PB Datasheet HTML 20Page - ams AG HLS-440PB Datasheet HTML 21Page - ams AG HLS-440PB Datasheet HTML 22Page - ams AG HLS-440PB Datasheet HTML 23Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
ams Datasheet
Page 21
[v1-00] 2015-Apr-01
Document Feedback
HLS-440P − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23