| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5601-ASOM Fiches technique(PDF) 30 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5601-ASOM Fiches technique(HTML) 30 Page - ams AG |
|
30 / 43 page ![]() Page 30 ams Datasheet Document Feedback [v1-02] 2014-Oct-29 AS5601 − Register Description Figure 31: Step Response (fast filter on) Hysteresis To suppress spurious toggling of the output when the magnet is not moving, a 1 to 3 LSB hysteresis of the 12-bit resolution can be enabled with the HYST bits in the CONF register. Magnet Detection As a safety and diagnostic feature, the AS5601 indicates the absence of the magnet. If the measured magnet field strength goes below the minimum specified level (Bz_ERROR), quadrature output is not updated and the MD bit in the STATUS register is 0. Input Sampling Frequency Settling Time according slow filter setting Noise Fast Filter Noise slow filter Output response Fast filter step response Threshold |