Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS-MLV-P2 Fiches technique(PDF) 6 Page - ams AG

No de pièce AS-MLV-P2
Description  Air Quality Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS-MLV-P2 Fiches technique(HTML) 6 Page - ams AG

Back Button AS-MLV-P2 Datasheet HTML 2Page - ams AG AS-MLV-P2 Datasheet HTML 3Page - ams AG AS-MLV-P2 Datasheet HTML 4Page - ams AG AS-MLV-P2 Datasheet HTML 5Page - ams AG AS-MLV-P2 Datasheet HTML 6Page - ams AG AS-MLV-P2 Datasheet HTML 7Page - ams AG AS-MLV-P2 Datasheet HTML 8Page - ams AG AS-MLV-P2 Datasheet HTML 9Page - ams AG AS-MLV-P2 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-01] 2015-Oct-12
AS-MLV-P2 − Detailed Description
Cross Sensitivities
Due to the basic operation principle of MOS gas sensors, the
AS-MLV-P2 sensor component does have a cross sensitivity to
humidity changes. This effect provides additional information
and widens the application range for the sensor. This feature
especially supports applications in environments where the
detection of significant humidity changes is supporting the
functionality, such as bathroom and kitchen environments.
Figure 7 shows the dependency of humidity using the example
of CO signals to get a visualized feeling for the effect. Please
note that this dataset is just meant to be an example and the
values may vary from sensor to sensor.
Figure 7:
Cross Sensitivity of Humidity for CO
Cross Sensitivity of Humidity for CO: Cross sensitivity of humidity for the example of CO. This data is just meant
to be a visualization of the influence of humidity and will vary slightly from sensor to sensor.
30
40
50
60
70
80
0,1
1
10
% r.h.
30ppm CO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24