| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5047P Fiches technique(PDF) 18 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5047P Fiches technique(HTML) 18 Page - ams AG |
|
18 / 40 page ![]() Page 18 ams Datasheet Document Feedback [v1-00] 2014-Oct-31 AS5047P − Detailed Description Figure 28: SETTINGS1 (0x0018) Name Read/Write/Program Bit Position Description Factory Setting R 0 Pre-Programmed to 1 NOISESET R/W/P 1 Noise setting DIR R/W/P 2 Rotation direction UVW_ABI R/W/P 3 Defines the PWM Output (0 = ABI is operating, W is used as PWM 1 = UVW is operating, I is used as PWM) DAECDIS R/W/P 4 Disable Dynamic Angle Error Compensation (0 = DAE compensation ON, 1 = DAE compensation OFF) ABIBIN R/W/P 5 ABI decimal or binary selection of the ABI pulses per revolution Dataselect R/W/P 6 This bit defines which data can be read form address 16383dec (3FFFhex). 0->DAECANG 1->CORDICANG PWMon R/W/P 7 enables PWM (setting of UVW_ABI Bit necessary) |