Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3608 Fiches technique(PDF) 67 Page - ams AG

No de pièce AS3608
Description  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Fiches technique(HTML) 67 Page - ams AG

Back Button AS3608 Datasheet HTML 60Page - ams AG AS3608 Datasheet HTML 61Page - ams AG AS3608 Datasheet HTML 62Page - ams AG AS3608 Datasheet HTML 63Page - ams AG AS3608 Datasheet HTML 64Page - ams AG AS3608 Datasheet HTML 65Page - ams AG AS3608 Datasheet HTML 66Page - ams AG AS3608 Datasheet HTML 67Page - ams AG AS3608 Datasheet HTML 68Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
66 - 67
AS3608 2v2
Data Sheet - O r d e r i n g I n f o r m a t i o n
13 Ordering Information
The devices are available as the standard products shown in Table 56.
Note:
All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is found at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 56. Ordering Information
Ordering Code
Marking
Sequence
Description
Delivery Form
Package
AS3608-BQFP-FF
R2v2-FF
sequence
programmable on
request
System PMU with HV Backlight
Tape & Reel
dry pack
QFN36 6x6 0.5mm pitch
AS3608-BQFP-00
R2v2-00
default sequence
System PMU with HV Backlight
Tape & Reel
dry pack
QFN36 6x6 0.5mm pitch
AS3608-BQFP-xx
R2v2-xx
customer specified
System PMU with HV Backlight
Tape & Reel
dry pack
QFN36 6x6 0.5mm pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68