| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3630 Fiches technique(PDF) 5 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3630 Fiches technique(HTML) 5 Page - ams AG |
|
5 / 72 page ![]() 8A Supercap Flash Driver AS3630 – 5 D1 VDCDC DCDC converter 1 and 2 output capacitor - make a short connection to CVOUT1 and connect all VDCDC pins together as short as possible D2 SW2 DCDC converter 2 switching node - make a short connection to the coil LDCDC2 and connect all SW2 pins together on top plane D3 PGND Power ground - connect to ground (GND) and connect all PGND pins together on top plane D4 SW1 DCDC converter 1 switching node - make a short connection to the coil LDCDC1 and connect all SW1 pins together on top plane D5 LED_OUT Flash LED current source output and connect all LED_OUT pins together on top plane E1 VDCDC DCDC converter 1 and 2 output capacitor - make a short connection to CVOUT1 and connect all VDCDC pins together as short as possible E2 SW2 DCDC converter 2 switching node - make a short connection to the coil LDCDC2 and connect all SW2 pins together on top plane E3 PGND Power ground - connect to ground (GND) and connect all PGND pins together on top plane E4 SW1 DCDC converter 1 switching node - make a short connection to the coil LDCDC1 and connect all SW1 pins together on top plane E5 LED_OUT Flash LED current source output and connect all LED_OUT pins together on top plane 1. Application Information: The pin STROBE is usually connected directly to the camera processor. 2. When SCL and SDA exchanged, the AS3630 uses a different I²C address and the functionality of SCL/SDA is also exchanged - see “I²C Address Selection” on page 43. 3. Only input: The AS3630 does not perform clock stretching. Pin Number Pin Name Description |