Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV331M5/NOPB Fiches technique(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMV331M5/NOPB
Description  General-Purpose, Low-Voltage, Tiny Pack Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331M5/NOPB Fiches technique(HTML) 18 Page - Texas Instruments

Back Button LMV331M5/NOPB Datasheet HTML 14Page - Texas Instruments LMV331M5/NOPB Datasheet HTML 15Page - Texas Instruments LMV331M5/NOPB Datasheet HTML 16Page - Texas Instruments LMV331M5/NOPB Datasheet HTML 17Page - Texas Instruments LMV331M5/NOPB Datasheet HTML 18Page - Texas Instruments LMV331M5/NOPB Datasheet HTML 19Page - Texas Instruments LMV331M5/NOPB Datasheet HTML 20Page - Texas Instruments LMV331M5/NOPB Datasheet HTML 21Page - Texas Instruments LMV331M5/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
LMV331-N, LMV339-N, LMV393-N
SNOS018H – AUGUST 1999 – REVISED DECEMBER 2014
www.ti.com
Typical Applications (continued)
8.2.2 Crystal Controlled Oscillator
Figure 23. Crystal Controlled Oscillator
A simple yet very stable oscillator that generates a clock for slower digital systems can be obtained by using a
resonator as the feedback element. It is similar to the squarewave oscillator, except that the positive feedback is
obtained through a quartz crystal. The circuit oscillates when the transmission through the crystal is at a
maximum, so the crystal in its series-resonant mode.
The value of R1 and R2 are equal so that the comparator will switch symmetrically about +VCC/2. The RC
constant of R3 and C1 is set to be several times greater than the period of the oscillating frequency, insuring a
50% duty cycle by maintaining a DC voltage at the inverting input equal to the absolute average of the output
waveform.
When specifying the crystal, be sure to order series resonant with the desired temperature coefficient.
18
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LMV331-N LMV339-N LMV393-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38