| Moteur de recherche de fiches techniques de composants électroniques |
|
LMP7300MMX/NOPB Fiches technique(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP7300MMX/NOPB Fiches technique(HTML) 15 Page - Texas Instruments |
|
15 / 30 page ![]() VOUT TIME VIN HYSTERESIS (DEAD) BAND POSITIVE TRIP POINTS NEGATIVE TRIP POINTS VOUT VIH VTH VIL V + VHYSTP VHYSTN GND EXAMPLE 1 EXAMPLE 2 LMP7300 www.ti.com SNOSAT7G – AUGUST 2007 – REVISED OCTOBER 2015 Feature Description (continued) Figure 22. Output Response With Input Noise Less than Hysteresis Band 7.3.3.1 How Much Hysteresis Is Correct? An effective way of determining the minimum hysteresis necessary for clean switching is to decrease the amount of hysteresis until false triggering is observed, and then use a multiple of say three times that amount of hysteresis in the final circuit. This is most easily accomplished in the breadboard phase by making R1 and R2 potentiometers. For applications near or above 100°C, TI recommends a minimum of 5-mV hysteresis due to peaking of the LMP7300 noise sensitivity at high temperatures. 7.4 Device Functional Modes The LMP7300 device may be used as a voltage reference or as a comparator with HIGH and LOW output states. A LOW output will occur when the noninverting input (INP) is less than the inverting input (INN). A HIGH output will occur when the noninverting input (INP) is greater than the inverting input (INN). Copyright © 2007–2015, Texas Instruments Incorporated Submit Documentation Feedback 15 Product Folder Links: LMP7300 |