Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54AC157 Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54AC157
Description  Quad 2-Input Multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC157 Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  54AC157 Datasheet HTML 1Page - National Semiconductor (TI) 54AC157 Datasheet HTML 2Page - National Semiconductor (TI) 54AC157 Datasheet HTML 3Page - National Semiconductor (TI) 54AC157 Datasheet HTML 4Page - National Semiconductor (TI) 54AC157 Datasheet HTML 5Page - National Semiconductor (TI) 54AC157 Datasheet HTML 6Page - National Semiconductor (TI) 54AC157 Datasheet HTML 7Page - National Semiconductor (TI) 54AC157 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Functional Description
The ’AC/’ACT157 is a quad 2-input multiplexer. It selects
four bits of data from two sources under the control of a com-
mon Select input (S). The Enable input (E) is active-LOW.
When E is HIGH, all of the outputs (Z) are forced LOW re-
gardless of all other inputs. The ’AC/’ACT157 is the logic
implementation of a 4-pole, 2-position switch where the posi-
tion of the switch is determined by the logic levels supplied to
the Select input. The logic equations for the outputs are
shown below:
Z
a = E • (I1a • S+I0a • S)
Z
b = E • (I1b • S+I0b • S)
Z
c = E • (I1c • S+I0c • S)
Z
d = E • (I1d • S+I0d • S)
A common use of the ’AC/ACT157 is the moving of data from
two groups of registers to four common output busses. The
particular register from which the data comes is determined
by the state of the Select input. A less obvious use is as a
function generator. The ’AC/’ACT157 can generate any four
of the sixteen different functions of two variables with one
variable common. This is useful for implementing gating
functions.
Truth Table
Inputs
Outputs
E
SI
0
I
1
Z
HX
X
X
L
LH
X
L
L
LH
X
H
H
LL
L
X
L
LL
H
X
H
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Logic Diagram
DS100272-5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8