Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E5AZ-R3HML Fiches technique(PDF) 19 Page - Omron Electronics LLC

No de pièce E5AZ-R3HML
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AZ-R3HML Fiches technique(HTML) 19 Page - Omron Electronics LLC

Back Button E5AZ-R3HML Datasheet HTML 15Page - Omron Electronics LLC E5AZ-R3HML Datasheet HTML 16Page - Omron Electronics LLC E5AZ-R3HML Datasheet HTML 17Page - Omron Electronics LLC E5AZ-R3HML Datasheet HTML 18Page - Omron Electronics LLC E5AZ-R3HML Datasheet HTML 19Page - Omron Electronics LLC E5AZ-R3HML Datasheet HTML 20Page - Omron Electronics LLC E5AZ-R3HML Datasheet HTML 21Page - Omron Electronics LLC E5AZ-R3HML Datasheet HTML 22Page - Omron Electronics LLC E5AZ-R3HML Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
E5AZ/E5EZ
19
Alarm Types
Select alarm types out of the 12 alarm types listed in the following table.
Note: 1. With set values 1, 4 and 5, the upper and lower limit values
can be set independently for each alarm type, and are
expressed as “L” and “H.”
2. Set value: 1, Upper- and lower-limit alarm
3. Set value: 4, Upper- and lower-limit range
4. Set value: 5, Upper- and lower-limit with standby sequence
For Upper- and Lower-Limit Alarm Described Above
• Case 1 and 2
Always OFF when the upper-limit and lower-limit
hysteresis overlaps.
• Case 3: Always OFF
5. Set value: 5, Upper- and lower-limit with standby sequence
Always OFF when the upper-limit and lower-limit hysteresis
overlaps.
6. Set value: 12, LBA (loop break alarm) can be set only for
alarm 1 type.
Set the alarm types for alarms 1 to 3 independently in the initial setting
level. The default setting is 2 (upper limit).
Set value
Alarm type
Alarm output operation
When X is posi-
tive
When X is nega-
tive
0
Alarm function
OFF
Output OFF
1
(See note
1.)
Upper- and lower-
limit
(See note 2.)
2
Upper limit
3
Lower limit
4
(See note
1.)
Upper- and lower-
limit range
(See note 3.)
5
(See note
1.)
Upper- and lower-
limit with standby
sequence
(See note 5.)
(See note 4.)
6
Upper-limit with
standby sequence
7
Lower-limit with
standby sequence
8
Absolute-value
upper-limit
9
Absolute-value
lower-limit
10
Absolute-value
upper-limit with
standby sequence
11
Absolute-value
lower-limit with
standby sequence
12
(See note
6.)
LBA (for alarm 1
type only)
---
ON
OFF
SP
LH
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
SP
LH
ON
OFF
SP
LH
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
LH
H
<0, L>0
|H| < |L|
SP
Case 1
LH
H
>0, L<0
|H| > |L|
SP
Case 2
L
H
H
<0, L<0
SP
L
H
H
<0, L>0
|H| ≥ |L|
SP
L
H
H
>0, L<0
|H| ≤ |L|
SP
Case 3 (Always ON)
LH
H
<0, L>0
|H| < |L|
SP
Case 1
LH
H
>0, L<0
|H| > |L|
SP
Case 2
L
H
H
<0, L<0
SP
L
L
H
H
<0, L>0
|H| ≥ |L|
SP
H
H
>0, L<0
|H| ≤ |L|
SP
Case 3 (Always ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64