Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E5AZ-R3MT Fiches technique(PDF) 55 Page - Omron Electronics LLC

No de pièce E5AZ-R3MT
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AZ-R3MT Fiches technique(HTML) 55 Page - Omron Electronics LLC

Back Button E5AZ-R3MT Datasheet HTML 51Page - Omron Electronics LLC E5AZ-R3MT Datasheet HTML 52Page - Omron Electronics LLC E5AZ-R3MT Datasheet HTML 53Page - Omron Electronics LLC E5AZ-R3MT Datasheet HTML 54Page - Omron Electronics LLC E5AZ-R3MT Datasheet HTML 55Page - Omron Electronics LLC E5AZ-R3MT Datasheet HTML 56Page - Omron Electronics LLC E5AZ-R3MT Datasheet HTML 57Page - Omron Electronics LLC E5AZ-R3MT Datasheet HTML 58Page - Omron Electronics LLC E5AZ-R3MT Datasheet HTML 59Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
E5EZ-PRR
55
Position proportional control of a ceramic kiln
The control method whereby a potentiometer is used to read the amount of opening of a valve and then open or close the valve by means of an
attached control motor is called position proportional control or on/off servo control.
Application
To control a gas kiln using a position proportional control valve, select the control valve control type and
configure the instrumentation as shown in the following example.
The SP ramp function allows limits to be placed on temperature changes which
control the temperature within a specific range. This is useful for ceramic kiln,
in which severe temperature changes may cause damage or corruption.
SP after change
SP
SP ramp
Point of change
SP ramp in units of time
SP ramp
set value
Time
SP
SP Ramp
PV
MV
PID
OUT1
OUT2
Potentiometer
Temperature Input
Analog Input
8888
8888
8888
MANU
PV
SV
MV
A
M
E5EZ-PRR
Burner
Temperature
Sensor
SP before change
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64