| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA9564 Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9564 Fiches technique(HTML) 8 Page - NXP Semiconductors |
|
8 / 31 page ![]() Philips Semiconductors Product data PCA9564 Parallel bus to I2C-bus controller 2003 Apr 02 8 S SLA WA A DATA P S SLA W A P A P 08H 18H 28H R 38H A or A OTHER MST CONTINUES A or A OTHER MST CONTINUES 38H 30H 20H B0H OTHER MST CONTINUES A MT 10H TO MST/REC MODE ENTRY = MR SUCCESSFUL TRANSMISSION TO A SLAVE RECEIVER NEXT TRANSFER STARTED WITH A REPEATED START CONDITION NOT ACKNOWLEDGE RECEIVED AFTER THE SLAVE ADDRESS NOT ACKNOWLEDGE RECEIVED AFTER A DATA BYTE ARBITRATION LOST IN SLAVE ADDRESS OR DATA BYTE ARBITRATION LOST AND ADDRESSED AS SLAVE A n FROM MASTER TO SLAVE FROM SLAVE TO MASTER ANY NUMBER OF DATA BYTES AND THEIR ASSOCIATED ACKNOWLEDGE BITS THIS NUMBER (CONTAINED IN I2CSTA) CORRESPONDS TO A DEFINED STATE OF THE I2C BUS. SEE TABLE 2. Data SW00816 68H TO CORRESPONDING STATES IN SLAVE RECEIVER MODE TO CORRESPONDING STATES IN SLAVE TRANSMITTER MODE NOTE: THE MASTER SHOULD NEVER TRANSMIT ITS OWN SLAVE ADDRESS F8H F8H F8 Figure 2. Format and states in the master transmitter mode |