| Moteur de recherche de fiches techniques de composants électroniques |
|
P80C32EBAA Fiches technique(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P80C32EBAA Fiches technique(HTML) 33 Page - NXP Semiconductors |
|
33 / 62 page ![]() Philips Semiconductors Product specification 80C52/80C54/80C58 CMOS single-chip 8-bit microcontrollers 1996 Aug 16 3 ORDERING INFORMATION ROM 8k × 8 ROM 16k × 8 ROM 32k × 8 TEMPERATURE RANGE °C AND PACKAGE FREQ MHz DRAWING NUMBER P80C52EBPN P80C54EBPN P80C58EBPN 0 to +70, Plastic Dual In-line Package 16 SOT129-1 P80C52EBAA P80C54EBAA P80C58EBAA 0 to +70, Plastic Leaded Chip Carrier 16 SOT187-2 P80C52EBBB P80C54EBBB P80C58EBBB 0 to +70, Plastic Quad Flat Pack 16 SOT307-2 P80C52EFP N P80C54EFP N P80C58EFP N –40 to +85, Plastic Dual In-line Package 16 SOT129-1 P80C52EFA A P80C54EFA A P80C58EFA A –40 to +85, Plastic Leaded Chip Carrier 16 SOT187-2 P80C52EFB B P80C54EFB B P80C58EFB B –40 to +85, Plastic Quad Flat Pack 16 SOT307-2 P80C52IBP N P80C54IBP N P80C58IBP N 0 to +70, Plastic Dual In-line Package 24 SOT129-1 P80C52IBA A P80C54IBA A P80C58IBA A 0 to +70, Plastic Leaded Chip Carrier 24 SOT187-2 P80C52IBB B P80C54IBB B P80C58IBB B 0 to +70, Plastic Quad Flat Pack 24 SOT307-2 P80C52IFP N P80C54IFP N P80C58IFP N –40 to +85, Plastic Dual In-line Package 24 SOT129-1 P80C52IFA A P80C54IFA A P80C58IFA A –40 to +85, Plastic Leaded Chip Carrier 24 SOT187-2 P80C52IFB B P80C54IFB B P80C58IFB B –40 to +85, Plastic Quad Flat Pack 24 SOT307-2 P80C52NBAA P80C54NBAA P80C58NBAA 0 to +70, Plastic Leaded Chip Carrier 33 SOT187-2 P80C52NBPN P80C54NBPN P80C58NBPN 0 to +70, Plastic Dual In-line Package 33 SOT129-1 P80C52NBBB P80C54NBBB P80C58NBBB 0 to +70, Plastic Quad Flat Pack 33 SOT307-2 P80C52NFA A P80C54NFA A P80C58NFA A –40 to +85, Plastic Leaded Chip Carrier 33 SOT187-2 P80C52NFPN P80C54NFPN P80C58NFPN –40 to +85, Plastic Dual In-line Package 33 SOT129-1 P80C52NFBB P80C54NFBB P80C58NFBB –40 to +85, Plastic Quad Flat Pack 33 SOT307-2 LOGIC SYMBOL ADDRESS AND DATA BUS ADDRESS BUS T2 T2EX RxD TxD INT0 INT1 T0 T1 WR RD RST EA PSEN ALE VSS VCC XTAL1 XTAL2 SU00732 |