| Moteur de recherche de fiches techniques de composants électroniques |
|
54ABT574J/883 Fiches technique(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54ABT574J/883 Fiches technique(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 10 page ![]() Functional Description The ’ABT574 consists of eight edge-triggered flip-flops with individual D-type inputs and TRI-STATE true outputs. The buffered clock and buffered Output Enable are common to all flip-flops. The eight flip-flops will store the state of their indi- vidual D inputs that meet the setup and hold times require- ments on the LOW-to-HIGH Clock (CP) transition. With the Output Enable (OE) LOW, the contents of the eight flip-flops are available at the outputs. When OE is HIGH, the outputs are in a high impedance state. Operation of the OE input does not affect the state of the flip-flops. Function Table Inputs Internal Outputs Function OE CP D Q O H H or L L NC Z Hold Inputs Internal Outputs Function OE CP D Q O H H or L H NC Z Hold H N L L Z Load H N H H Z Load L N L L L Data Available L N H H H Data Available L H or L L NC NC No Change in Data L H or L H NC NC No Change in Data H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance N = LOW-to-HIGH Transition NC = No Change Logic Diagram DS100208-3 Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. www.national.com 2 |