| Moteur de recherche de fiches techniques de composants électroniques |
|
80C32EBPN Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
80C32EBPN Fiches technique(HTML) 3 Page - NXP Semiconductors |
|
3 / 62 page ![]() Philips Semiconductors Product specification 80C32/87C52 CMOS single-chip 8-bit microcontrollers 1996 Aug 16 3 ORDERING INFORMATION ROMless EPROM1 TEMPERATURE RANGE °C AND PACKAGE FREQ MHz DRAWING NUMBER P80C32EBP N P87C52EBP N OTP 0 to +70, Plastic Dual In-line Package 16 SOT129-1 P80C32EBA A P87C52EBA A OTP 0 to +70, Plastic Leaded Chip Carrier 16 SOT187-2 P87C52EBF FA UV 0 to +70, Ceramic Dual In-line Package 16 0590B P87C52EBL KA UV 0 to +70, Ceramic Leaded Chip Carrier 16 1472A P80C32EBB B P87C52EBB B OTP 0 to +70, Plastic Quad Flat Pack 16 SOT307-2 P80C32EFP N P87C52EFP N OTP –40 to +85, Plastic Dual In-line Package 16 SOT129-1 P80C32EFA A P87C52EFA A OTP –40 to +85, Plastic Leaded Chip Carrier 16 SOT187-2 P87C52EFF FA UV –40 to +85, Ceramic Dual In-line Package 16 0590B P80C32EFB B P87C52EFB B OTP –40 to +85, Plastic Quad Flat Pack 16 SOT307-2 P80C32IBP N P87C52IBP N OTP 0 to +70, Plastic Dual In-line Package 24 SOT129-1 P80C32IBA A P87C52IBA A OTP 0 to +70, Plastic Leaded Chip Carrier 24 SOT187-2 P80C32IBB B 0 to +70, Plastic Quad Flat Pack 24 SOT307-2 P87C52IBF FA UV 0 to +70, Ceramic Dual In-line Package 24 0590B P87C52IBL KA UV 0 to +70, Ceramic Leaded Chip Carrier 24 1472A P80C32IFP N P87C52IFP N OTP –40 to +85, Plastic Dual In-line Package 24 SOT129-1 P80C32IFA A P87C52IFA A OTP –40 to +85, Plastic Leaded Chip Carrier 24 SOT187-2 P80C32IFB B –40 to +85, Plastic Quad Flat Pack 24 SOT307-2 P87C52IFF FA UV –40 to +85, Ceramic Dual In-line Package 24 0590B P80C32NBA A 0 to +70, Plastic Leaded Chip Carrier 33 SOT187-2 P80C32NBP N 0 to +70, Plastic Dual In-line Package 33 SOT129-1 P80C32NBB B 0 to +70, Plastic Quad Flat Pack 33 SOT307-2 P80C32NFA A –40 to +85, Plastic Leaded Chip Carrier 33 SOT187-2 P80C32NFP N –40 to +85, Plastic Dual In-line Package 33 SOT129-1 P80C32NFB B –40 to +85, Plastic Quad Flat Pack 33 SOT307-2 NOTE: 1. OTP = One Time Programmable EPROM. UV = UV erasable EPROM 2. For 33MHz ROM 80C52 operation, see 80C52/80C54/80C58 data sheet. |