| Moteur de recherche de fiches techniques de composants électroniques |
|
Z86C9524ASC Fiches technique(PDF) 13 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86C9524ASC Fiches technique(HTML) 13 Page - Zilog, Inc. |
|
13 / 18 page ![]() 13 Z86C95 DSP CPS DC-4067-13 Clock 1 3 4 8 2 2 3 T IN IRQ N 6 5 7 7 9 AC CHARACTERISTICS Additional Timing Table T A = 0°C to +70°C 40 MHz 24 MHz 33 MHz No Symbol Parameter Min Max Min Max Min Max Units Notes 1 TpC Input Clock Period 25 1000 42 1000 30 1000 ns [1] 2 TrC,TfC Clock Imput Rise & Fall Times 5 10 5 ns [1] 3 TwC Input Clock Width 8 11 10 ns [1] 4 TwTinL Timer Input Low Width 75 75 75 ns [2] 5 TwTinH Timer Input High Width 3 TpC 3 TpC 3 TpC [2] 6 TpTin Timer Input Period 8 TpC 8 TpC 8 TpC [2] 7 TrTin,TfTin Timer Input Rise & Fall Times 100 100 100 ns [2] 8a TwIL Interrupt Request Input Low Times 70 70 70 ns [2,4] 8b TwIL Interrupt Request Input Low Times 5 TpC 5 TpC 5 TpC [2,5] 9 TwIH Interrupt Request Input High Times 3 TpC 3 TpC 3 TpC [2,3] Additional Timing Notes: [1] Clock timing references use 3.8V for a logic 1 and 0.8V for a logic 0. [2] Timing references use 2.0V for a logic 1 and 0.8V for a logic 0. [3] Interrupt references request via Port 3. [4] Interrupt request via Port 3 (P33-P31). [5] Interrupt request via Port 30. |