Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THS4281DBVT Fiches technique(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
No de pièce THS4281DBVT
Description  Voltage-Feedback Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281DBVT Fiches technique(HTML) 37 Page - Texas Instruments

Back Button THS4281DBVT Datasheet HTML 33Page - Texas Instruments THS4281DBVT Datasheet HTML 34Page - Texas Instruments THS4281DBVT Datasheet HTML 35Page - Texas Instruments THS4281DBVT Datasheet HTML 36Page - Texas Instruments THS4281DBVT Datasheet HTML 37Page - Texas Instruments THS4281DBVT Datasheet HTML 38Page - Texas Instruments THS4281DBVT Datasheet HTML 39Page - Texas Instruments THS4281DBVT Datasheet HTML 40Page - Texas Instruments THS4281DBVT Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
THS4281DBVR
SOT-23
DBV
5
3000
182.0
182.0
20.0
THS4281DBVT
SOT-23
DBV
5
250
182.0
182.0
20.0
THS4281DGKR
VSSOP
DGK
8
2500
358.0
335.0
35.0
THS4281DR
SOIC
D
8
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Oct-2015
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43