Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASM802LCSA Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce ASM802LCSA
Description  Power Supply Supervisor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM802LCSA Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button ASM802LCSA Datasheet HTML 4Page - ON Semiconductor ASM802LCSA Datasheet HTML 5Page - ON Semiconductor ASM802LCSA Datasheet HTML 6Page - ON Semiconductor ASM802LCSA Datasheet HTML 7Page - ON Semiconductor ASM802LCSA Datasheet HTML 8Page - ON Semiconductor ASM802LCSA Datasheet HTML 9Page - ON Semiconductor ASM802LCSA Datasheet HTML 10Page - ON Semiconductor ASM802LCSA Datasheet HTML 11Page - ON Semiconductor ASM802LCSA Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ASM690A/692A, ASM802L/802M, ASM805L
http://onsemi.com
10
PACKAGE DIMENSIONS
SOIC 8, 150 mils
CASE 751BD−01
ISSUE O
E1
E
A
A1
h
θ
L
c
e
b
D
PIN # 1
IDENTIFICATION
TOP VIEW
SIDE VIEW
END VIEW
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MS-012.
SYMBOL
MIN
NOM
MAX
θ
A
A1
b
c
D
E
E1
e
h
0º
8º
0.10
0.33
0.19
0.25
4.80
5.80
3.80
1.27 BSC
1.75
0.25
0.51
0.25
0.50
5.00
6.20
4.00
L
0.40
1.27
1.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12