| Moteur de recherche de fiches techniques de composants électroniques |
|
5437 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
5437 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF6512 June 1989 5437DM5437DM7437 Quad 2-Input NAND Buffers General Description This device contains four independent gates each of which performs the logic NAND function Features Y Alternate MilitaryAerospace device (5437) is available Contact a National Semiconductor Sales OfficeDistrib- utor for specifications Connection Diagram Dual-In-Line Package TLF6512 – 1 Order Number 5437DMQB 5437FMQB DM5437J DM5437W or DM7437N See NS Package Number J14A N14A or W14B Function Table Y e AB Inputs Output AB Y LL H LH H HL H HH L H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - 5437 |
|
Description similaire - 5437 |