Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN1104 Fiches technique(PDF) 6 Page - Powertip Technology

No de pièce FIN1104
Description  LVDS 4 Port High Speed Repeater
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERTIP [Powertip Technology]
Site Internet  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

FIN1104 Fiches technique(HTML) 6 Page - Powertip Technology

  FIN1104 Datasheet HTML 1Page - Powertip Technology FIN1104 Datasheet HTML 2Page - Powertip Technology FIN1104 Datasheet HTML 3Page - Powertip Technology FIN1104 Datasheet HTML 4Page - Powertip Technology FIN1104 Datasheet HTML 5Page - Powertip Technology FIN1104 Datasheet HTML 6Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.fairchildsemi.com
6
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC24
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com



Html Pages

1 2 3 4 5 6