Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74121N Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DM74121N
Description  One-Shot with Clear and Complementary Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74121N Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  DM74121N Datasheet HTML 1Page - National Semiconductor (TI) DM74121N Datasheet HTML 2Page - National Semiconductor (TI) DM74121N Datasheet HTML 3Page - National Semiconductor (TI) DM74121N Datasheet HTML 4Page - National Semiconductor (TI) DM74121N Datasheet HTML 5Page - National Semiconductor (TI) DM74121N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6538
June 1989
54121DM54121DM74121 One-Shot with
Clear and Complementary Outputs
General Description
The DM5474121 is a monostable multivibrator featuring
both positive and negative edge triggering with complemen-
tary outputs An internal 2kX timing resistor is provided for
design convenience minimizing component count and lay-
out problems This device can be used with a single external
capacitor Inputs (A) are active-low trigger transition inputs
and input (B) is an active-high transition Schmitt-trigger in-
put that allows jitter-free triggering from inputs with tran-
sition rates as slow as 1 voltsecond A high immunity to
VCC noise of typically 15V is also provided by internal cir-
cuitry at the input stage
To obtain optimum and trouble free operation please read
operating rules and NSC one-shot application notes careful-
ly and observe recommendations
Features
Y
Triggered from active-high transition or active-low tran-
sition inputs
Y
Variable pulse width from 30 ns to 28 seconds
Y
Jitter free Schmitt-trigger input
Y
Excellent noise immunity typically 12V
Y
Stable pulse width up to 90% duty cycle
Y
TTL DTL compatible
Y
Compensated for VCC and temperature variations
Y
Input clamp diodes
Y
Alternate MilitaryAerospace device (54121) is avail-
able Contact a National Semiconductor Sales Office
Distributor for specifications
Functional Description
The basic output pulse width is determined by selection of
an internal resistor RINT or an external resistor (RX) and
capacitor (CX) Once triggered the output pulse width is in-
dependent of further transitions of the inputs and is a func-
tion of the timing components Pulse width can vary from a
few nano-seconds to 28 seconds by choosing appropriate
RX and CX combinations There are three trigger inputs from
the device two negative edge-triggering (A) inputs one pos-
itive edge Schmitt-triggering (B) input
Connection Diagram
Dual-In-Line Package
TLF6538 – 1
Order Number 54121DMQB 54121FMQB
DM54121J DM54121W or DM74121N
See NS Package Number J14A N14A or W14B
Function Table
Inputs
Outputs
A1
A2
B
Q
Q
LX
H
L
H
XL
H
L
H
XX
L
L
H
HH
X
L
H
H
v
H
v
HH
vv
H
LX
u
XL
u
H
e
High Logic Level
L
e
Low Logic Level
X
e
Can Be Either Low or High
u e Positive Going Transition
v e Negative Going Transition
e
A Positive Pulse
e
A Negative Pulse
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Numéro de pièce similaire - DM74121N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74121N FAIRCHILD-DM74121N Datasheet
69Kb / 5P
One-Shot with Clear and Complementary Outputs
DM74121N FAIRCHILD-DM74121N Datasheet
71Kb / 5P
One-Shot with Clear and Complementary Outputs
More results

Description similaire - DM74121N

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DM54123 NSC-DM54123 Datasheet
130Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121 Datasheet
69Kb / 5P
One-Shot with Clear and Complementary Outputs
DM74123 FAIRCHILD-DM74123 Datasheet
56Kb / 5P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 FAIRCHILD-DM74LS123 Datasheet
96Kb / 8P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS221 FAIRCHILD-DM74LS221 Datasheet
108Kb / 8P
Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
54123 NSC-54123 Datasheet
157Kb / 4P
DUAL RETRIGGERABLE ONE-SHOP WITH CLEAR AND COMPLEMENTARY OUTPUTS
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121_01 Datasheet
71Kb / 5P
One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
More results


Html Pages

1 2 3 4 5 6