Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54173 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54173
Description  TRI-STATE Quad Registers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54173 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  54173 Datasheet HTML 1Page - National Semiconductor (TI) 54173 Datasheet HTML 2Page - National Semiconductor (TI) 54173 Datasheet HTML 3Page - National Semiconductor (TI) 54173 Datasheet HTML 4Page - National Semiconductor (TI) 54173 Datasheet HTML 5Page - National Semiconductor (TI) 54173 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 400X
Symbol
Parameter
To (Output)
CL e 5pF
CL e 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
25
MHz
tPLH
Propagation Delay Time
Clock to
25
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Clock to
28
ns
High to Low Level Output
Output
tPHL
Propagation Delay Time
Clear to
27
ns
High to Low Level Output
Output
tPZH
Output Enable Time
Output Control
730
ns
to High Level Output
to Q
tPZL
Output Enable Time
Output Control
730
ns
to Low Level Output
to Q
tPHZ
Output Disable Time
Output Control
314
ns
from High Level Output
to Q
tPLZ
Output Disable Time
Output Control
320
ns
from Low Level Output
to Q
3



Html Pages

1 2 3 4 5 6