| Moteur de recherche de fiches techniques de composants électroniques |
|
54154DMQB Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54154DMQB Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6548 June 1989 54154DM54154DM74154 4-Line to 16-Line DecodersDemultiplexers General Description Each or these 4-line-to-16-line decoders utilizes TTL circuit- ry to decode four binary-coded inputs into one of sixteen mutually exclusive outputs when both the strobe inputs G1 and G2 are low The demultiplexing function is performed by using the 4 input lines to address the output line passing data from one of the strobe inputs with the other strobe input low When either strobe input is high all outputs are high These demultiplexers are ideally suited for implement- ing high-performance memory decoders All inputs are buff- ered and input clamping diodes are provided to minimize transmission-line effects and thereby simplify system de- sign Features Y Decodes 4 binary-coded inputs into one of 16 mutually exclusive outputs Y Performs the demultiplexing function by distributing data from one input line to any one of 16 outputs Y Input clamping diodes simplify system design Y High fan-out low-impedance totem-pole outputs Y Typical propagation delay 3 levels of logic 19 ns Strobe 18 ns Y Typical power dissipation 170 mW Y Alternate MilitaryAerospace device (54154) is avail- able Contact a National Semiconductor Sales Office Distributor for specifications Connection Diagram Dual-In-Line Package TLF6548 – 1 Order Number 54154DMQB 54154FMQB DM54154J or DM74154N See NS Package Number J24A N24A or W24C C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - 54154DMQB |
|
Description similaire - 54154DMQB |