| Moteur de recherche de fiches techniques de composants électroniques |
|
11C91D Fiches technique(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
11C91D Fiches technique(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 10 page ![]() ECL OperationCommercial Version DC Electrical Characteristics VCC e VCCA e GND VEE eb52V Symbol Parameter Min Typ Max Units TA Conditions VOH Output HIGH Voltage b 1060 b 995 b 905 0 C Load e 50X to b2V Q and Q b 1025 b 960 b 880 mV a 25 C b 980 b 910 b 805 a 75 C VOL Output LOW Voltage b 1820 b 1705 b 1620 mV 0 Cto Q and Q a 75 C VIH Input HIGH Voltage b 1135 b 840 0 C Guaranteed Input HIGH b 1095 b 810 mV a 25 C Signal (Note 6) b 1035 b 720 a 75 C VIL Input LOW Voltage b 1870 b 1500 0 C Guaranteed Input LOW b 1850 b 1485 mV a 25 C Signal b 1830 b 1460 a 75 C IIH Input HIGH Current VIN e VIHA CP Input (Note 1) 400 a 25 C MS Input 400 m A a 25 C M1 and M2 Input 250 a 25 C IIL Input LOW Current 05 m A a 25 CVIN e VILB IEE Power Supply Current b 110 b 75 mA 0 C to Pins 6 7 13 not connected b 119 a 75 C VEE Operating Supply b 57 b 52 b 47 V 0 Cto Voltage Range a 75 C VREF Reference Voltage b 1550 b 1150 mV a 25 C VRM1 e VRM2 eb52V IN eb100 mA AC Electrical Characteristics TA e 0 Cto a75 C VCC e VCCA e GND VEE eb52V Symbol Parameter 0 C a 25 C a 75 C Units Conditions Typ Min Typ Max Typ tPLH Propagation Delay 18 13 20 30 25 ns Output tPHL (50% to 50%) CP to Q RL e 50X to b20V tPLH Propagation Delay 37 40 60 45 ns Input (50% to 50%) MS to Q tri e tfi e 20 g01 ns ts Setup Time M to CP 20 40 20 20 ns (20% to 80%) th Hold Time M to CP b 20 00 b 20 b 20 ns See Figure 1 tTLH Output Rise Time 10 10 20 10 ns (20% to 80%) tTHL Output Fall Time 10 10 20 10 ns (80% to 20%) fMAX Maximum Clock Frequency AC Coupled Input 350 mV 650 600 650 625 MHz Peak-to-Peak fMAX is Guaranteed to be 575 MHz Min at 0 Cto a75 C 3 |