Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LE25S161PCTXG Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce LE25S161PCTXG
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161PCTXG Fiches technique(HTML) 4 Page - ON Semiconductor

  LE25S161PCTXG Datasheet HTML 1Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 2Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 3Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 4Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 5Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 6Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 7Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 8Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
LE25S161
www.onsemi.com
4
4. Package Dimensions
unit : mm
LE25S161MDTWG
SOIC 8, 150 mils
CASE 751BD-01
ISSUE O
E1
E
A
A1
h
L
c
e
b
D
PIN # 1
IDENTIFICATION
TOP VIEW
SIDE VIEW
END VIEW
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MS-012.
SYMBOL
MIN
NOM
MAX
A
A1
b
c
D
E
E1
e
h
0º
8º
0.10
0.33
0.19
0.25
4.80
5.80
3.80
1.27 BSC
1.75
0.25
0.51
0.25
0.50
5.00
6.20
4.00
L
0.40
1.27
1.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54