Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSW-LLG Fiches technique(PDF) 8 Page - DOMINANT Semiconductors

No de pièce SSW-LLG
Description  High brightness surface mount LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DOMINANT [DOMINANT Semiconductors]
Site Internet  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSW-LLG Fiches technique(HTML) 8 Page - DOMINANT Semiconductors

Back Button SSW-LLG Datasheet HTML 4Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 5Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 6Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 7Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 8Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 9Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 10Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 11Page - DOMINANT Semiconductors SSW-LLG Datasheet HTML 12Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
09/01/2015 V5.0
8
InGaN White S-Spice : SSW-LLG
SpiceLEDTM • InGaN White S-Spice : SSW-LLG Package Outlines
Note: The center pad is a common cathode. Please take care during soldering to avoid shorting.
Material
Material
Lead-frame
Package
Cu Alloy With NiPdAu Plating
High Temperature Resistant Epoxy Resin
Note: product is Pb free
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15