| Moteur de recherche de fiches techniques de composants électroniques |
|
DNX-PJS Fiches technique(PDF) 1 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
DNX-PJS Fiches technique(HTML) 1 Page - DOMINANT Semiconductors |
|
1 / 13 page ![]() 1 Features: > HighbrightnesssurfacemountLED. > 120°viewingangle. > Smallpackageoutline(LxWxH)of2.0x1.4x1.3mm. > QualifiedaccordingtoJEDECmoisturesensitivityLevel2. > CompatibletoIRreflowsoldering. > Environmentalfriendly;RoHScompliance. Mini DomiLEDTM Synonymouswithfunctionandperformance,theMiniDomiLED TMseries isperfectlysuitedforavarietyofcross-industrialapplicationsduetoits smallpackageoutline,durabilityandsuperiorbrightness. DATA SHEET: Mini DomiLEDTM AlInGaP : DNx-PJS © 2005 DomiLED is a trademark of DOMINANT Opto Technologies. All rights reserved. Product specifications are subject to change without notice. Applications: > Automotive:interiorapplications,eg:switches,telematics, climatecontrolsystem,dashboard,etc. > Exteriorapplications,eg:signallighting,CenterHighMounted StopLigh(CHMSL) > Signage:fullcolordisplayvideonoticeboard,signage,special effectlighting > Lighting:channellight DOMINANT Opto Technologies Innovating Illumination TM 06/08/2015V7.0 |
Numéro de pièce similaire - DNX-PJS |
|
Description similaire - DNX-PJS |