Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO5451DW Fiches technique(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
No de pièce ISO5451DW
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

ISO5451DW Fiches technique(HTML) 36 Page - Texas Instruments

Back Button ISO5451DW Datasheet HTML 30Page - Texas Instruments ISO5451DW Datasheet HTML 31Page - Texas Instruments ISO5451DW Datasheet HTML 32Page - Texas Instruments ISO5451DW Datasheet HTML 33Page - Texas Instruments ISO5451DW Datasheet HTML 34Page - Texas Instruments ISO5451DW Datasheet HTML 35Page - Texas Instruments ISO5451DW Datasheet HTML 36Page - Texas Instruments ISO5451DW Datasheet HTML 37Page - Texas Instruments ISO5451DW Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
ISO5451DWR
SOIC
DW
16
2000
330.0
16.4
10.75
10.7
2.7
12.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Jul-2015
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38