Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8264ACVR Fiches technique(PDF) 15 Page - Motorola, Inc

No de pièce MPC8264ACVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264ACVR Fiches technique(HTML) 15 Page - Motorola, Inc

Back Button MPC8264ACVR Datasheet HTML 11Page - Motorola, Inc MPC8264ACVR Datasheet HTML 12Page - Motorola, Inc MPC8264ACVR Datasheet HTML 13Page - Motorola, Inc MPC8264ACVR Datasheet HTML 14Page - Motorola, Inc MPC8264ACVR Datasheet HTML 15Page - Motorola, Inc MPC8264ACVR Datasheet HTML 16Page - Motorola, Inc MPC8264ACVR Datasheet HTML 17Page - Motorola, Inc MPC8264ACVR Datasheet HTML 18Page - Motorola, Inc MPC8264ACVR Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
15
Electrical and Thermal Characteristics
Figure 5 shows the SCC/SMC/SPI/I2C external clock.
Figure 5. SCC/SMC/SPI/I2C External Clock Diagram
Figure 6 shows the SCC/SMC/SPI/I2C internal clock.
Figure 6. SCC/SMC/SPI/I2C Internal Clock Diagram
Serial CLKin
SCC/SMC/SPI/I2C input signals
SCC/SMC/SPI/I2C output signals
sp18b
sp19b
sp38b/sp39b
(See note.)
(See note.)
Note: There are four possible timing conditions for SCC and SPI:
1. Input sampled on the rising edge and output driven on the rising edge (shown).
2. Input sampled on the rising edge and output driven on the falling edge.
3. Input sampled on the falling edge and output driven on the falling edge.
4. Input sampled on the falling edge and output driven on the rising edge.
BRG_OUT
SCC/SMC/SPI/I2C input signals
SCC/SMC/SPI/I2C output signals
sp18a
sp19a
sp38a/sp39a
(See note.)
(See note.)
Note: There are four possible timing conditions for SCC and SPI:
1. Input sampled on the rising edge and output driven on the rising edge (shown).
2. Input sampled on the rising edge and output driven on the falling edge.
3. Input sampled on the falling edge and output driven on the falling edge.
4. Input sampled on the falling edge and output driven on the rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48