Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8264CVR Fiches technique(PDF) 36 Page - Motorola, Inc

No de pièce MPC8264CVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264CVR Fiches technique(HTML) 36 Page - Motorola, Inc

Back Button MPC8264CVR Datasheet HTML 32Page - Motorola, Inc MPC8264CVR Datasheet HTML 33Page - Motorola, Inc MPC8264CVR Datasheet HTML 34Page - Motorola, Inc MPC8264CVR Datasheet HTML 35Page - Motorola, Inc MPC8264CVR Datasheet HTML 36Page - Motorola, Inc MPC8264CVR Datasheet HTML 37Page - Motorola, Inc MPC8264CVR Datasheet HTML 38Page - Motorola, Inc MPC8264CVR Datasheet HTML 39Page - Motorola, Inc MPC8264CVR Datasheet HTML 40Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
36
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Pinout
L_A14/PAR1
N27
L_A15/FRAME1/SMI
T29
L_A16/TRDY1
R27
L_A17/IRDY1/CKSTP_OUT
R26
L_A18/STOP1
R29
L_A19/DEVSEL1
R28
L_A20/IDSEL1
W29
L_A21/PERR1
P28
L_A22/SERR1
N26
L_A23/REQ01
AA27
L_A24/REQ11/HSEJSW1
P29
L_A25/GNT01
AA26
L_A26/GNT11/HSLED1
N25
L_A27/GNT21/HSENUM1
AA25
L_A28/RST1/CORE_SRESET
AB29
L_A29/INTA1
AB28
L_A30/REQ21
P25
L_A31/DLLOUT1
AB27
LCL_D0/AD01
H29
LCL_D1/AD11
J29
LCL_D2/AD21
J28
LCL_D3/AD31
J27
LCL_D4/AD41
J26
LCL_D5/AD51
J25
LCL_D6/AD61
K25
LCL_D7/AD71
L29
LCL_D8/AD81
L27
LCL_D9/AD91
L26
LCL_D10/AD101
L25
LCL_D11/AD111
M29
LCL_D12/AD121
M28
LCL_D13/AD131
M27
LCL_D14/AD141
M26
LCL_D15/AD151
N29
LCL_D16/AD161
T25
Table 19. Pinout List (Continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48