Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8264AVR Fiches technique(PDF) 34 Page - Motorola, Inc

No de pièce MPC8264AVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264AVR Fiches technique(HTML) 34 Page - Motorola, Inc

Back Button MPC8264AVR Datasheet HTML 30Page - Motorola, Inc MPC8264AVR Datasheet HTML 31Page - Motorola, Inc MPC8264AVR Datasheet HTML 32Page - Motorola, Inc MPC8264AVR Datasheet HTML 33Page - Motorola, Inc MPC8264AVR Datasheet HTML 34Page - Motorola, Inc MPC8264AVR Datasheet HTML 35Page - Motorola, Inc MPC8264AVR Datasheet HTML 36Page - Motorola, Inc MPC8264AVR Datasheet HTML 37Page - Motorola, Inc MPC8264AVR Datasheet HTML 38Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
34
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Pinout
D53
A7
D54
C6
D55
D5
D56
B18
D57
B16
D58
E14
D59
D12
D60
C10
D61
E8
D62
D6
D63
C2
DP0/RSRV/EXT_BR2
B22
IRQ1/DP1/EXT_BG2
A22
IRQ2/DP2/TLBISYNC/EXT_DBG2
E21
IRQ3/DP3/CKSTP_OUT/EXT_BR3
D21
IRQ4/DP4/CORE_SRESET/EXT_BG3
C21
IRQ5/DP5/TBEN/EXT_DBG3
B21
IRQ6/DP6/CSE0
A21
IRQ7/DP7/CSE1
E20
PSDVAL
V3
TA
C22
TEA
V5
GBL/IRQ1
W1
CI/BADDR29/IRQ2
U2
WT/BADDR30/IRQ3
U3
L2_HIT/IRQ4
Y4
CPU_BG/BADDR31/IRQ5
U4
CPU_DBG
R2
CPU_BR
Y3
CS0
F25
CS1
C29
CS2
E27
CS3
E28
CS4
F26
CS5
F27
Table 19. Pinout List (Continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48