Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8260AVR Fiches technique(PDF) 16 Page - Motorola, Inc

No de pièce MPC8260AVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8260AVR Fiches technique(HTML) 16 Page - Motorola, Inc

Back Button MPC8260AVR Datasheet HTML 12Page - Motorola, Inc MPC8260AVR Datasheet HTML 13Page - Motorola, Inc MPC8260AVR Datasheet HTML 14Page - Motorola, Inc MPC8260AVR Datasheet HTML 15Page - Motorola, Inc MPC8260AVR Datasheet HTML 16Page - Motorola, Inc MPC8260AVR Datasheet HTML 17Page - Motorola, Inc MPC8260AVR Datasheet HTML 18Page - Motorola, Inc MPC8260AVR Datasheet HTML 19Page - Motorola, Inc MPC8260AVR Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
16
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
Figure 7 shows TDM input and output signals.
Figure 7. TDM Signal Diagram
Figure 8 shows PIO, timer, and DMA signals.
Figure 8. PIO, Timer, and DMA Signal Diagram
Serial CLKin
TDM input signals
TDM output signals
sp20
sp21
sp40/sp41
Note: There are four possible TDM timing conditions:
1. Input sampled on the rising edge and output driven on the rising edge (shown).
2. Input sampled on the rising edge and output driven on the falling edge.
3. Input sampled on the falling edge and output driven on the falling edge.
4. Input sampled on the falling edge and output driven on the rising edge.
Sys clk
PIO/IDMA/TIMER[TGATE assertion] input signals
IDMA output signals
sp22
sp23
sp42/sp43
TIMER(sp42/43)/ PIO(sp42a/sp43a)
sp42a/sp43a
output signals
sp42/sp43
TIMER input signal [TGATE deassertion]
sp22
sp23
Note: TGATE is asserted on the rising edge of the clock; it is deasserted on the falling edge.
(See note)
(See note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48