Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8264VR Fiches technique(PDF) 32 Page - Motorola, Inc

No de pièce MPC8264VR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264VR Fiches technique(HTML) 32 Page - Motorola, Inc

Back Button MPC8264VR Datasheet HTML 28Page - Motorola, Inc MPC8264VR Datasheet HTML 29Page - Motorola, Inc MPC8264VR Datasheet HTML 30Page - Motorola, Inc MPC8264VR Datasheet HTML 31Page - Motorola, Inc MPC8264VR Datasheet HTML 32Page - Motorola, Inc MPC8264VR Datasheet HTML 33Page - Motorola, Inc MPC8264VR Datasheet HTML 34Page - Motorola, Inc MPC8264VR Datasheet HTML 35Page - Motorola, Inc MPC8264VR Datasheet HTML 36Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Pinout
A29
R3
A30
R5
A31
R4
TT0
F1
TT1
G4
TT2
G3
TT3
G2
TT4
F2
TBST
D3
TSIZ0
C1
TSIZ1
E4
TSIZ2
D2
TSIZ3
F5
AACK
F3
ARTRY
E1
DBG
V1
DBB/IRQ3
V2
D0
B20
D1
A18
D2
A16
D3
A13
D4
E12
D5
D9
D6
A6
D7
B5
D8
A20
D9
E17
D10
B15
D11
B13
D12
A11
D13
E9
D14
B7
D15
B4
D16
D19
D17
D17
Table 19. Pinout List (Continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48