| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16LF72/SS Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF72/SS Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 136 page ![]() 2002 Microchip Technology Inc. DS39597B-page 19 PIC16F72 2.3.1 COMPUTED GOTO A computed GOTO is accomplished by adding an offset to the program counter (ADDWF PCL). When doing a table read using a computed GOTO method, care should be exercised if the table location crosses a PCL memory boundary (each 256-byte block). Refer to the Application Note, “Implementing a Table Read" (AN556). 2.3.2 STACK The stack allows a combination of up to eight program calls and interrupts to occur. The stack contains the return address from this branch in program execution. Mid-range devices have an 8-level deep x 13-bit wide hardware stack. The stack space is not part of either program or data space and the stack pointer is not readable or writable. The PC is PUSH’d onto the stack when a CALL instruction is executed, or an interrupt causes a branch. The stack is POP’d in the event of a RETURN, RETLW or a RETFIE instruction execution. PCLATH is not modified when the stack is PUSH’d or POP’d. After the stack has been PUSH’d eight times, the ninth push overwrites the value that was stored from the first push. The tenth push overwrites the second push (and so on). An example of the overwriting of the stack is shown in Figure 2-4. FIGURE 2-4: STACK MODIFICATION 2.4 Program Memory Paging The CALL and GOTO instructions provide 11 bits of address to allow branching within any 2K program memory page. When doing a CALL or GOTO instruction, the upper two bits of the address are provided by PCLATH<4:3>. When doing a CALL or GOTO instruc- tion, the user must ensure that the page select bits are programmed so that the desired program memory page is addressed. If a return from a CALL instruction (or interrupt) is executed, the entire 13-bit PC is pushed onto the stack. Therefore, manipulation of the PCLATH<4:3> bits is not required for the return instructions (which POPs the address from the stack). 2.5 Indirect Addressing, INDF and FSR Registers The INDF register is not a physical register. Address- ing INDF actually addresses the register whose address is contained in the FSR register (FSR is a pointer). This is indirect addressing. A simple program to clear RAM locations 20h-2Fh using indirect addressing is shown in Example 2-1. EXAMPLE 2-1: INDIRECT ADDRESSING An effective 9-bit address is obtained by concatenating the 8-bit FSR register and the IRP bit (STATUS<7>), as shown in Figure 2-5. Note 1: There are no status bits to indicate stack overflow or stack underflow conditions. 2: There are no instructions/mnemonics called PUSH or POP. These are actions that occur from the execution of the CALL, RETURN, RETLW and RETFIE instructions, or the vectoring to an interrupt address. Push1 Push9 Push2 Push10 Push3 Push4 Push5 Push6 Push7 Push8 Top-of-Stack Stack Note: The PIC16F72 device ignores the paging bit PCLATH<4:3>. The use of PCLATH<4:3> as a general purpose read/ write bit is not recommended, since this may affect upward compatibility with future products. movlw 0x20 ;initialize pointer movwf FSR ;to RAM NEXT clrf INDF ;clear INDF register incf FSR ;inc pointer btfss FSR,4 ;all done? goto NEXT ;NO, clear next CONTINUE : ;YES, continue |