| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F016D-90F4EB Fiches technique(PDF) 21 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016D-90F4EB Fiches technique(HTML) 21 Page - Advanced Micro Devices |
|
21 / 45 page ![]() 20 Am29F016D Command Definitions Table 9. Am29F016D Command Definitions Legend: X = Don’t care RA = Address of the memory location to be read. RD = Data read from location RA during read operation. PA = Address of the memory location to be programmed. Addresses latch on the falling edge of the WE# or CE# pulse, whichever happens later. PD = Data to be programmed at location PA. Data latches on the rising edge of WE# or CE# pulse, whichever happens first. SA = Address of the sector to be verified (in autoselect mode) or erased. Address bits A20–A16 select a unique sector. SGA = Address of the sector group to be verified. Address bits A20–A18 select a unique sector group. Notes: 1. See Table 1 for description of bus operations. 2. All values are in hexadecimal. 3. Except when reading array or autoselect data, all bus cycles are write operations. 4. Address bits A20–A11 are don’t cares for unlock and command cycles, unless SA or PA required. 5. No unlock or command cycles required when reading array data. 6. The Reset command is required to return to reading array data when device is in the autoselect mode, or if DQ5 goes high (while the device is providing status data). 7. The fourth cycle of the autoselect command sequence is a read cycle. 8. The data is 00h for an unprotected sector group and 01h for a protected sector group.See “Autoselect Command Sequence” for more information. 9. Command is valid when device is ready to read array data or when device is in autoselect mode. 10. The Unlock Bypass command is required prior to the Unlock Bypass Program command. 11. The Unlock Bypass Reset command is required to return to reading array data when the device is in the unlock bypass mode. 12. The system may read and program in non-erasing sectors, or enter the autoselect mode, when in the Erase Suspend mode. The Erase Suspend command is valid only during a sector erase operation. 13. The Erase Resume command is valid only during the Erase Suspend mode. Command Sequence (Note 1) Bus Cycles (Notes 2–4) First Second Third Fourth Fifth Sixth Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Read (Note 5) 1 RA RD Reset (Note 6) 1 XXX F0 Autoselect (Note 7) Manufacturer ID 4 555 AA 2AA 55 555 90 X00 01 Device ID 4 555 AA 2AA 55 555 90 X01 AD Sector Group Protect Verify (Note 8) 4 555 AA 2AA 55 555 90 SGA X02 XX00 XX01 CFI Query (Note 9) 1 55 98 Program 4 555 AA 2AA 55 555 A0 PA PD Unlock Bypass 3 555 AA 2AA 55 555 20 Unlock Bypass Program (Note 10) 2 XXX A0 PA PD Unlock Bypass Reset (Note 11) 2 XXX 90 XXX 00 Chip Erase 6 555 AA 2AA 55 555 80 555 AA 2AA 55 555 10 Sector Erase 6 555 AA 2AA 55 555 80 555 AA 2AA 55 SA 30 Erase Suspend (Note 9) 1 XXX B0 Erase Resume (Note 10) 1 XXX 30 |