Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F016D-70FC Fiches technique(PDF) 43 Page - Advanced Micro Devices

No de pièce AM29F016D-70FC
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-70FC Fiches technique(HTML) 43 Page - Advanced Micro Devices

Back Button AM29F016D-70FC Datasheet HTML 37Page - Advanced Micro Devices AM29F016D-70FC Datasheet HTML 38Page - Advanced Micro Devices AM29F016D-70FC Datasheet HTML 39Page - Advanced Micro Devices AM29F016D-70FC Datasheet HTML 40Page - Advanced Micro Devices AM29F016D-70FC Datasheet HTML 41Page - Advanced Micro Devices AM29F016D-70FC Datasheet HTML 42Page - Advanced Micro Devices AM29F016D-70FC Datasheet HTML 43Page - Advanced Micro Devices AM29F016D-70FC Datasheet HTML 44Page - Advanced Micro Devices AM29F016D-70FC Datasheet HTML 45Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
42
Am29F016D
PHYSICAL DIMENSIONS (continued)
SO 044—44-Pin Small Outline Package
Dwg rev AC; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45