Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5901AF Fiches technique(PDF) 2 Page - Nippon Precision Circuits Inc

No de pièce SM5901AF
Description  compression and non compression type anti-shock memory controller with built-in 1M DRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5901AF Fiches technique(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5901AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SM5901AF
Package dimensions (Unit: mm)
44-pin QFP
13.20 0.30
+-
10.00 0.20
+-
+-
0.80 0.20
0.80
0.35
1.60
Pinout (Top View)
1
2
3
4
5
6
7
8
9
10
11
23
24
25
26
27
28
29
30
31
32
33
VDD2
UC1
UC2
UC3
UC4
VSS2
NTEST1
NTEST2
CLK
VSS1
YSRDATA
NWE
D1
D0
D3
D2
NCAS2
NTEST4
YMCLK
YMDATA
YMLD
YDMUTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31