Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP8400KGMPES Fiches technique(PDF) 4 Page - Mitel Networks Corporation

No de pièce SP8400KGMPES
Description  Very Low Phase Noise Synthesiser Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITEL [Mitel Networks Corporation]
Site Internet  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8400KGMPES Fiches technique(HTML) 4 Page - Mitel Networks Corporation

  SP8400KGMPES Datasheet HTML 1Page - Mitel Networks Corporation SP8400KGMPES Datasheet HTML 2Page - Mitel Networks Corporation SP8400KGMPES Datasheet HTML 3Page - Mitel Networks Corporation SP8400KGMPES Datasheet HTML 4Page - Mitel Networks Corporation SP8400KGMPES Datasheet HTML 5Page - Mitel Networks Corporation SP8400KGMPES Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SP8400
Fig.5 Typical application combining output to increase signal and retain low phase noise
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
SP8400
10nF
10nF
1nF
1nF
2x330R
1nF
M
+5V
50R
CLOCK INPUT
INPUTS
A
INPUTS
10nF
330R
1k
+15V
2 x BF569
(or similar)
Available division ratio
All division ratios of 64 to 4103 (Definition 1) will return the
divider to the same internal state at the end of the count and
hence these are the only divisional ratios to be used for
fractional–N synthesiser application.
All division ratios of 56 to 4103 are available for general division
purposes. Additional division ratios available for general
division are:-
8,9
16, 17, 18
24, 25, 26, 27
32, 33, 34, 35, 36
40, 41, 42, 43, 44, 45
48, 49, 50, 51, 52, 53, 54



Html Pages

1 2 3 4 5 6