| Moteur de recherche de fiches techniques de composants électroniques |
|
SP5502FKGMPAS Fiches technique(PDF) 6 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
SP5502FKGMPAS Fiches technique(HTML) 6 Page - Mitel Networks Corporation |
|
6 / 8 page ![]() 6 SP5502 Fig. 7 Typical input impedance ABSOLUTE MAXIMUM RATINGS All voltages are referred to VEE = 0V Supply voltage RF input voltage Port voltage Total port output current RF input DC offset Charge pump DC offset Drive output DC offset Crystal oscillator DC offset SDA, SCL input voltage Storage temperature Junction temperature MP16 thermal resistance, chip-to-ambient MP16 thermal resistance, chip-to-case MP14 thermal resistance, chip-to-ambient MP14 thermal resistance, chip-to-case Power consumption at 5·5V Conditions Parameter Units 7 2·5 14 6 VCC 0·3 50 VCC 0·3 VCC 0·3 VCC 0·3 VCC 0·3 VCC 0·3 5·5 150 150 111 41 123 45 363 Value Max. Min. 0·3 0·3 0·3 0·3 0·3 0·3 0·3 0·3 0·3 0·3 55 Pin SP5502F SP5502S 12 13,14 6,7, 9-11 6,7, 9-11 8 6,7, 9-11 13,14 1 16 2 4,5 10 11,12 6,8, 9 6,8, 9 7 6,8, 9 11,12 1 14 2 4,5 V V p-p V V V mA V V V V V V °C °C °C/W °C/W °C/W °C/W mW Port in off state Port in on state With VCC applied VCC not applied |