Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NJ88C50NPAS Fiches technique(PDF) 13 Page - Mitel Networks Corporation

No de pièce NJ88C50NPAS
Description  Dual Low Power Frequency Synthesiser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITEL [Mitel Networks Corporation]
Site Internet  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

NJ88C50NPAS Fiches technique(HTML) 13 Page - Mitel Networks Corporation

Back Button NJ88C50NPAS Datasheet HTML 7Page - Mitel Networks Corporation NJ88C50NPAS Datasheet HTML 8Page - Mitel Networks Corporation NJ88C50NPAS Datasheet HTML 9Page - Mitel Networks Corporation NJ88C50NPAS Datasheet HTML 10Page - Mitel Networks Corporation NJ88C50NPAS Datasheet HTML 11Page - Mitel Networks Corporation NJ88C50NPAS Datasheet HTML 12Page - Mitel Networks Corporation NJ88C50NPAS Datasheet HTML 13Page - Mitel Networks Corporation NJ88C50NPAS Datasheet HTML 14Page - Mitel Networks Corporation NJ88C50NPAS Datasheet HTML 15Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
NJ88C50
13
Fig.8 shows a typical application, using the NJ88C50 to
generate both VHF and UHF signals. External components
are kept to a minimum, requiring only bias, loop filter and
decoupling components. In many applications the UHF VCO
is a pre-assembled and tested module to suit the end equip-
ment use, whereas the VHF design is likely to be discrete. The
circuit shown is suitable for operation up to 1.1GHz and uses
a low power prescaler, the SP8715, feeding the NJ88C50 in
single ended mode. This requires a biasing network around
the differential input of the NJ88C50 to be used (pins 2 and 3).
Power supply and ground rails must have adequate
decoupling otherwise overall performance may be impaired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15