| Moteur de recherche de fiches techniques de composants électroniques |
|
LS6103 Fiches technique(PDF) 1 Page - BOWIN ELECTRONIC CO. |
|
|
|||||||||||||||||||||||||||||
LS6103 Fiches technique(HTML) 1 Page - BOWIN ELECTRONIC CO. |
|
1 / 7 page ![]() LSI LS6103 12 Digit LCD Watch with EL Driver Version0.1 (29.6.00) Features * 6 Function Real time clock. Hour, Minute, Second, Month, Day, Weekday * Alarm and chime. * 12/24Hour format user select. * 4 year calendar. * Dual time (selected by bonding option) * 3 keys operation, KSET, KMODE, KADJ. * 1/100 second stop watch. * EL Driver built in * 1/2 bias 1/3 duty LCD format * Very low power consumption * 32768 Crystal oscillator * Single 3.0V operation. * Direct buzzer driver. General Description The LS6103 is a 12 digit LCD watch which display Hour:Minute Second, Month, Date and Weekday. 12/24Hour display format user select. Hourly chime function. Alarm function. 1/100 second stop watch counter. It is simple three keys operation : KSET, KMODE, KADJ. The EL driver has 3-4 second of delay. It has low power consumption. LCD Drawing |
Numéro de pièce similaire - LS6103 |
|
Description similaire - LS6103 |