| Moteur de recherche de fiches techniques de composants électroniques |
|
LS6027 Fiches technique(PDF) 2 Page - BOWIN ELECTRONIC CO. |
|
|
|||||||||||||||||||||||||||||
LS6027 Fiches technique(HTML) 2 Page - BOWIN ELECTRONIC CO. |
|
2 / 8 page ![]() LSI LS6027 2 Functional Description Power Up At power up, all LCD segment turns on for 1 second. Clock Mode The LS6027 is a analog-digital watch with a roulette game. At clock mode, the LS6027 has 3 1/2 digit LCD for time display and a 12 section time range for analog clock display. Three key operation The LS6027 support 3 keys : KSET, KMIN, KHR. Clock Mode: 1. Press KHR to toggle sound. 2. Press KMIN to enter Game Mode. 3. Press KSET to enter Setting Mode. Setting Mode : At Clock Mode, press KSET to enter Setting Mode in the following sequence: Clock Mode Set Alarm enable/disable Set Alarm Hour:Minute Set Time Hour:Minute Clock Mode…… In Set Alarm/Time Mode, press KHR to set hour, press KMIN to set minute. In Set Alarm Enalble/Disable, press KHR/KMIN toggles alarm enalbe/disable. In all setting mode, if the value is changed, press KSET set will exit setting mode and goes back to Clock Mode. At Game Mode, 1. Press KMIN to start the roulette. 2. Press KHR to toggle sound. 3. Press KSET goes back to Clock Mode. The Rule of the game. Every time the KHR is pressed , 20 marks will be deducted. If the icon stops at H12, M12, H4, M4, H8, H8, the mark will be incremented according to the table. Pattern Add Marks H12 100 M12 50 H8 30 M8 20 H4 30 M4 20 |